Part Number Hot Search : 
DC12V 41001 VRF151MP 711VU 121KB 4BHGABMU BPC25 7MBP75
Product Description
Full Text Search
 

To Download 1808569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/produkte/1808569 17.01.2013???page? 1 ?/? 7 printed-circuit board connector?-?fkcs 2,5/ 2-st-5,08- rf?-?1808569 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) plug component, nominal current: 12 a, rated voltage (iii/2): 320 v, number of positions: 2, pitch: 5.08 mm, connection method: spring-cage conn., color: green, contact surface: tin ? key commercial data packing unit 0 minimum order quantity 1 gtin custom tariff number 85369010 country of origin germany technical data dimensions / positions length 25.2 mm height 15 mm pitch 5.08 mm dimension a 5.08 mm number of positions 2 technical data range of articles fkcs 2,5/..-st-rf insulating material group i rated surge voltage (iii/3) 4 kv rated surge voltage (iii/2) 4 kv rated surge voltage (ii/2) 4 kv rated voltage (iii/2) 320 v rated voltage (ii/2) 630 v connection in acc. with standard en-vde nominal current i n 12 a nominal voltage u n 250 v 8,3 25,1 a 15 6,4 a+5,7 5,08 2,55
https://www.phoenixcontact.com/us/produkte/1808569 17.01.2013???page? 2 ?/? 7 printed-circuit board connector?-?fkcs 2,5/ 2-st-5,08- rf?-?1808569 technical data technical data nominal cross section 2.5 mm2 maximum load current 12 a insulating material pa inflammability class according to ul 94 v0 internal cylindrical gage a2 stripping length 10 mm nominal voltage, ul/cul use group b 300 v nominal current, ul/cul use group b 10 a nominal voltage, ul/cul use group d 300 v nominal current, ul/cul use group d 10 a connection data conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 2.5 mm2 conductor cross section stranded min. 0.2 mm2 conductor cross section stranded max. 2.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve min. 0.25 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.25 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 2.5 mm2 conductor cross section awg/kcmil min. 24 conductor cross section awg/kcmil max 12 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, max. 1 mm2 minimum awg according to ul/cul 26 maximum awg according to ul/cul 12 classifications etim etim 4.0 ec002638 etim 5.0 ec002638 unspsc unspsc 11 39121409 unspsc 12.01 39121409 unspsc 13.2 39121409 unspsc 6.01 30211810 8,3 25,1 a 15 6,4 a+5,7 5,08 2,55
https://www.phoenixcontact.com/us/produkte/1808569 17.01.2013???page? 3 ?/? 7 printed-circuit board connector?-?fkcs 2,5/ 2-st-5,08- rf?-?1808569 classifications unspsc unspsc 7.0901 39121409 ecl@ss ecl@ss 4.0 272607xx ecl@ss 4.1 27260701 ecl@ss 5.0 27260701 ecl@ss 5.1 27141190 ecl@ss 6.0 27260704 ecl@ss 7.0 27440402 approvals approvals approvals ul recognized / cul recognized / culus recognized ex approvals approvals submitted approval details ul recognized? ? b d mm2/awg/kcmil 26-12 26-12 nominal current in 10 a 10 a nominal voltage un 300 v 300 v cul recognized? ? b d mm2/awg/kcmil 26-12 26-12 nominal current in 10 a 10 a nominal voltage un 300 v 300 v 8,3 25,1 a 15 6,4 a+5,7 5,08 2,55
https://www.phoenixcontact.com/us/produkte/1808569 17.01.2013???page? 4 ?/? 7 printed-circuit board connector?-?fkcs 2,5/ 2-st-5,08- rf?-?1808569 approvals culus recognized? accessories accessories marking marker cards?-?sk 5/3,8:fortl.zahlen?-?0804183 marker cards, card, white, labeled, horizontal:?consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - (99)100, mounting type: adhesive, for terminal block width: 5 mm ? ? plug/adapter coding profile?-?cp-mstb?-?1734634 keying profile, is inserted into the slot on the plug or inverted header, red insulating material ? ? test plugs?-?mps-mt?-?0201744 test plugs ? ? reducing plug?-?rps?-?0201647 reducing plug, color:?gray ? ? tools 8,3 25,1 a 15 6,4 a+5,7 5,08 2,55
https://www.phoenixcontact.com/us/produkte/1808569 17.01.2013???page? 5 ?/? 7 printed-circuit board connector?-?fkcs 2,5/ 2-st-5,08- rf?-?1808569 accessories screwdriver?-?szs 0,6x3,5?-?1205053 actuation tool, for st terminal blocks, insulated, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip, with non-slip grip ? ? drawings 8,3 25,1 a 15 6,4 a+5,7 5,08 2,55
https://www.phoenixcontact.com/us/produkte/1808569 17.01.2013???page? 6 ?/? 7 printed-circuit board connector?-?fkcs 2,5/ 2-st-5,08- rf?-?1808569 dimensioned drawing 8,3 25,1 a 15 6,4 a+5,7 5,08 2,55
https://www.phoenixcontact.com/us/produkte/1808569 17.01.2013???page? 7 ?/? 7 ? phoenix contact 2012 - all rights reserved http://www.phoenixcontact.com 8,3 25,1 a 15 6,4 a+5,7 5,08 2,55


▲Up To Search▲   

 
Price & Availability of 1808569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X